Part Number Hot Search : 
1N2979D SMB5383B ICS331 TSP140C 4732A 107M0 09081 2700553
Product Description
Full Text Search
 

To Download NMC-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  25 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com NMC-H series features  high voltage 200vdc ~ 3kvdc  npo and x7r dielectrics  0603, 0805, 1206, 1210, 1808 and 1812 sizes  nickel barrier termination and excellent mechanical strength multilayer ceramic chip capacitors specifications npo x7r operating temperature range -55c ~ +125c -55c ~ +125c temperature characteristic 30ppm 15% dissipation factor < 0.1% < 2.5% insulation resistance > 500meg ? or 500meg ? - f whichever is less test method: voltage rating < 500v measured after 1 minute at rated voltage, voltage rating > 500v measured after 1 minute at 500v capacitance range 0.22pf ~ 0.0056 f 150pf ~ 0.47 f capacitance tolerance 0.1pf(b), 0.25pf(c), 0.5pf(d) 1%(f), 2%(g), 5%(j), 10%(k), 20(m) 5%(j), 10%(k), 20(m) rated voltage 250vdc ~ 3kvdc dielectric withstanding voltage working voltage 200 & 250vdc x 1.5 + 100vdc for 5 seconds working voltage 500vdc x 1.5 for 5 seconds working voltage greater than 500vdc x 1.2 for 5 seconds test conditions (c & df) c < 1000pf = 1mhz, 1vrms @ 25c c < 1000pf = 1khz, 1vrms @ 25c 1khz, 1vrms @ 25c NMC-H 1210 npo 102 j 1kv trp or trplp f rohs compliant tape & reel (e mbossed plastic carrier) tape & reel (paper carrier) voltage (vdc) capacitance tolerance code (see chart) capacitance code, expressed in pf, ? rst 2 digits are signi? cant, 3rd digit is no. of zeros, ?r? indicates decimal for under 10pf temperature characteristic size code (see chart) series part number system construction p p l w h 100% sn over ni barrier rohs compliant includes all homogeneous materials *see part number system for details
26 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com NMC-H npo series multilayer ceramic chip capacitors npo-high voltage size chart (mm) eia case size 0603 0805 1206 1210 length (l) 1.6 0.10 2.0 0.15 3.2 0.15 3.2 0.30 width (w) 0.80 0.10 1.25 0.10 1.6 0.20 2.5 0.20 thickness (t) 0.90 max. 1.45 max. 1.80 max. 2.60 max. termination width (p) 0.25 ~ 0.65 0.25 ~ 0.75 0.25 ~ 0.80 0.25 ~ 1.00 capacitance working voltage (vdc) 200 250 200 250 500 200 250 500 1kv 2kv 200 250 500 1kv 2kv 0.22pf ~ 8.2pf 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 0.001 f 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0068 0.0082 0.01
27 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com NMC-H npo series multilayer ceramic chip capacitors eia case size 1808 1812 1825 2220 2225 length (l) 4.6 0.40 4.6 0.30 4.6 0.30 5.7 0.40 5.70 0,40 width (w) 2.0 0.30 3.2 0.30 6.35 0.40 5.00 0.40 6.35 0.40 thickness (t) 2.20 max. 3.00 max. 3.00 max. 3.00 max. 3.00 max. termination width (p) 0.25 ~ 0.75 0.25 ~ 0.75 0.3 ~ 1.05 0.30 ~ 1.10 0.30 ~ 1.10 capacitance working voltage (vdc) 200 250 500 1kv 2kv 3kv 200 250 500 1kv 2kv 3kv 250 500 1k 2k 1k 250 500 1k 0.22pf ~ 8.2pf 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 0.001 f 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 npo-high voltage size chart (mm)
28 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com NMC-H x7r series multilayer ceramic chip capacitors x7r-high voltage size chart (mm) eia case size 0805 1206 1210 length (l) 2.0 0.1 3.2 0.15 3.2 0.2 width (w) 1.25 0.1 1.6 0.15 2.5 0.2 thickness (t) 1.45 max. 1.80 max. 2.20 max. termination width (p) 0.25 ~ 0.75 0.25 ~ 0.75 0.25 ~ 0.75 capacitance working voltage (vdc) 200 250 500 200 250 500 1kv 2kv 2.5kv 200 250 500 1kv 2kv 150 180 220 270 330 390 470 560 680 820 0.001 f 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47
29 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com eia case size 1808 1812 1825 2220 2225 length (l) 4.6 0.4 4.6 0.4 4.6 0.30 5.7 0.40 5.70 0,40 width (w) 2.0 0.3 3.2 0.3 6.35 0.40 5.00 0.40 6.35 0.40 thickness (t) 2.20 max. 2.20 max. 3.00 max. 3.00 max. 3.00 max. termination width (p) 0.30 min. 0.30 min. 0.3 ~ 1.05 0.30 ~ 1.10 0.30 ~ 1.10 capacitance working voltage (vdc) 200 250 500 1kv 2kv 3kv 200 250 500 1kv 2kv 3kv 250 500 1k 250 500 1k 250 500 1k 150 180 220 270 330 390 470 560 680 820 0.001 f 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.5 2.2 NMC-H x7r series multilayer ceramic chip capacitors x7r-high voltage size chart (mm)


▲Up To Search▲   

 
Price & Availability of NMC-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X